Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACT8810 Fiches technique(PDF) 53 Page - Active-Semi, Inc

No de pièce ACT8810
Description  Eight Channel ActivePathTM Power Management IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTIVE-SEMI [Active-Semi, Inc]
Site Internet  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8810 Fiches technique(HTML) 53 Page - Active-Semi, Inc

Back Button ACT8810 Datasheet HTML 46Page - Active-Semi, Inc ACT8810 Datasheet HTML 47Page - Active-Semi, Inc ACT8810 Datasheet HTML 48Page - Active-Semi, Inc ACT8810 Datasheet HTML 49Page - Active-Semi, Inc ACT8810 Datasheet HTML 50Page - Active-Semi, Inc ACT8810 Datasheet HTML 51Page - Active-Semi, Inc ACT8810 Datasheet HTML 52Page - Active-Semi, Inc ACT8810 Datasheet HTML 53Page - Active-Semi, Inc ACT8810 Datasheet HTML 54Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 53 / 54 page
background image
ACT8810
Rev 9, 15-Nov-12
PACKAGE OUTLINE AND DIMENSIONS
Innovative Power
TM
- 53 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
PACKAGE OUTLINE
TQFN55-40 PACKAGE OUTLINE AND DIMENSIONS
SYMBOL
DIMENSION IN
MILLIMETERS
DIMENSION IN
INCHES
MIN
MAX
MIN
MAX
A
0.700
0.800
0.028
0.031
A1
0.200 REF
0.008 REF
A2
0.000
0.050
0.000
0.002
b
0.150
0.250
0.006
0.010
D
4.900
5.100
0.193
0.201
E
4.900
5.100
0.193
0.201
D2
3.450
3.750
0.136
0.148
E2
3.450
3.750
0.136
0.148
e
0.400 BSC
0.016 BSC
L
0.300
0.500
0.012
0.020
R
0.300
0.012
Active-Semi, Inc. reserves the right to modify the circuitry or specifications without notice. Users should evaluate each
product to make sure that it is suitable for their applications. Active-Semi products are not intended or authorized for use
as critical components in life-support devices or systems. Active-Semi, Inc. does not assume any liability arising out of
the use of any product or circuit described in this datasheet, nor does it convey any patent license.
Active-Semi and its logo are trademarks of Active-Semi, Inc. For more information on this and other products, contact
sales@active-semi.com or visit http://www.active-semi.com.
is a registered trademark of Active-Semi.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54