Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6204 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce L6204
Description  DMOS DUAL FULL BRIDGE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6204 Fiches technique(HTML) 5 Page - STMicroelectronics

  L6204 Datasheet HTML 1Page - STMicroelectronics L6204 Datasheet HTML 2Page - STMicroelectronics L6204 Datasheet HTML 3Page - STMicroelectronics L6204 Datasheet HTML 4Page - STMicroelectronics L6204 Datasheet HTML 5Page - STMicroelectronics L6204 Datasheet HTML 6Page - STMicroelectronics L6204 Datasheet HTML 7Page - STMicroelectronics L6204 Datasheet HTML 8Page - STMicroelectronics L6204 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5/12
L6204
CROSS CONDUCTION
Although the device guarantees the absence of cross-conduction, the presence of the intrinsic diodes in
the POWER DMOS structure causes the generation of current spikes on the sensing terminals.
This is due to charge-discharge phenomena in the capacitors C1 & C2 associated with the drain source
junctions (fig. 1). When the output switches from high to low, a current spike is generated associated with
the capacitor C1. On the low-to-high transition a spike of the same polarity is generated by C2, preceded
by a spike of the opposite polarity due to the charging of the input capacity of the lower POWER DMOS
transistor (see fig. 2).
Figure 1. Intrinsic Structures in the POWER MOS Transistors
Figure 2. Current Typical Spikes on the Sensing Pin
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12