Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACT412 Fiches technique(PDF) 9 Page - Active-Semi, Inc

No de pièce ACT412
Description  Patented Primary Side Regulation Technology
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTIVE-SEMI [Active-Semi, Inc]
Site Internet  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT412 Fiches technique(HTML) 9 Page - Active-Semi, Inc

Back Button ACT412 Datasheet HTML 5Page - Active-Semi, Inc ACT412 Datasheet HTML 6Page - Active-Semi, Inc ACT412 Datasheet HTML 7Page - Active-Semi, Inc ACT412 Datasheet HTML 8Page - Active-Semi, Inc ACT412 Datasheet HTML 9Page - Active-Semi, Inc ACT412 Datasheet HTML 10Page - Active-Semi, Inc ACT412 Datasheet HTML 11Page - Active-Semi, Inc ACT412 Datasheet HTML 12Page - Active-Semi, Inc ACT412 Datasheet HTML 13Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
ACT412
Rev 1, 30-Oct-13
Innovative PowerTM
- 9 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
Active-Semi Proprietary―For Authorized Recipients and Customers
ActivePSR
TM is a trademark of Active-Semi.
enter the restart process. A counter is used to
reduce sensitivity to noise and prevent the auto
start unnecessary.
Open Loop Protection
ACT412 is able to protect itself from damage when
the control loop is open. The typical open loop
condition includes either VFB floating or RFB5
open.
Over Temperature Shutdown
The thermal shutdown circuitry detects the ACT412
die temperature. The threshold is set at typical
135˚C. When the die temperature rises above this
threshold (135˚C) the ACT412 is disabled and
remains disabled until the die temperature falls
below 115˚C, at which point the ACT412 is re-
enabled.
TYPICAL APPLICATION CONT’D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17