Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MLZ2012 Fiches technique(PDF) 25 Page - TDK Electronics

No de pièce MLZ2012
Description  Inductors for Decoupling Circuits Multilayer Ferrite
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TDK [TDK Electronics]
Site Internet  http://www.tdk.com
Logo TDK - TDK Electronics

MLZ2012 Fiches technique(HTML) 25 Page - TDK Electronics

Back Button MLZ2012 Datasheet HTML 18Page - TDK Electronics MLZ2012 Datasheet HTML 19Page - TDK Electronics MLZ2012 Datasheet HTML 20Page - TDK Electronics MLZ2012 Datasheet HTML 21Page - TDK Electronics MLZ2012 Datasheet HTML 22Page - TDK Electronics MLZ2012 Datasheet HTML 23Page - TDK Electronics MLZ2012 Datasheet HTML 24Page - TDK Electronics MLZ2012 Datasheet HTML 25Page - TDK Electronics MLZ2012 Datasheet HTML 26Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
(25/25)
INDUC
T
O
RS
001-01 / 20130929 / inductor_decoupling_mlz_en.fm
• All specifications are subject to change without notice.
MLZ series
Packaging Style
REEL DIMENSIONS
TAPE DIMENSIONS
1.0
ø180
±2.0
2.0
±0.5
ø13
±0.2
ø21
±0.8
14.4max.
Dimensions in mm
8.4
+2.0
–0.0
4.0
±0.1
1.5
+0.1
–0.0
Sprocket hole
Cavity
KB
2.0
±0.05
2.0
±0.05
160min.
Taping
200min.
300min.
Drawing direction
Dimensions in mm
Type
A
B
K
MLZ1005
1.15±0.1
0.65±0.1
0.8 max.
MLZ1608
1.9±0.2
1.1±0.2
1.1 max.
MLZ2012
t=0.85
2.3±0.2
1.5±0.2
1.1 max.
t=1.25
2.3±0.2
1.5±0.2
1.5 max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26