Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MF-USMF005 Fiches technique(PDF) 4 Page - Bourns Electronic Solutions

No de pièce MF-USMF005
Description  Fast tripping resettable circuit protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-USMF005 Fiches technique(HTML) 4 Page - Bourns Electronic Solutions

  MF-USMF005 Datasheet HTML 1Page - Bourns Electronic Solutions MF-USMF005 Datasheet HTML 2Page - Bourns Electronic Solutions MF-USMF005 Datasheet HTML 3Page - Bourns Electronic Solutions MF-USMF005 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MF-USMF Series
Tape Dimensions
per EIA 481-2
W
8.0 ± 0.3
(0.315 ± 0.012)
P0
4.0 ± 0.1
(0.157 ± 0.004)
P1
4.0 ± 0.1
(0.157 ± 0.004)
P2
2.0 ± 0.05
(0.079 ± 0.002)
A0
2.76 ± 0.10
(0.109 ± 0.004)
B0
3.50 ± 0.10
(0.138 ± 0.004)
B1 max.
4.35
(0.171)
D0
1.5 + 0.1/-0.0
(0.059 + 0.004/-0)
F
3.5 ± 0.05
(0.138 + 0.002)
E1
1.75 ± 0.10
(0.069 ± 0.004)
E2 min.
6.25
(0.246)
T max.
0.6
(0.024)
T1 max.
0.1
(0.004)
K0
1.07 ± 0.10
(0.042 ± 0.004)
Leader min.
390
(15.35)
Trailer min.
160
(6.30)
Reel Dimensions
A max.
185
(7.283)
N min.
50
(1.97)
W1
8.4 + 1.5/ -0.0
(0.331 + 0.059/-0)
W2 max.
14.4
(0.567)
MF-USMF Series Tape and Reel Specifications
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
DIMENSIONS:
MM
(INCHES)
B1
N(HUB DIA.)
(MEASURED
AT HUB)
A
T
COVER
TAPE
K0
T1
A0
W2
(MEASURED
AT HUB)
W1
P1
B0
F
D0
P2
E2
E1
W



Html Pages

1 2 3 4