Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA157 Fiches technique(PDF) 2 Page - Continental Device India Limited

No de pièce BA157
Description  FAST SWITCHING PLASTIC RECTIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CDIL [Continental Device India Limited]
Site Internet  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BA157 Fiches technique(HTML) 2 Page - Continental Device India Limited

  BA157 Datasheet HTML 1Page - Continental Device India Limited BA157 Datasheet HTML 2Page - Continental Device India Limited BA157 Datasheet HTML 3Page - Continental Device India Limited BA157 Datasheet HTML 4Page - Continental Device India Limited BA157 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DIM
Min
Max
A
25.40
B
4.20
5.20
C
0.70
0.90
D
2.00
2.70
All Dimensions are in mm
DO-41P Axial Plastic Package
Continental Device India Limited
Data Sheet
Page 2 of 5
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company



Html Pages

1 2 3 4 5