Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC182 Fiches technique(PDF) 3 Page - Continental Device India Limited

No de pièce BC182
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CDIL [Continental Device India Limited]
Site Internet  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC182 Fiches technique(HTML) 3 Page - Continental Device India Limited

  BC182 Datasheet HTML 1Page - Continental Device India Limited BC182 Datasheet HTML 2Page - Continental Device India Limited BC182 Datasheet HTML 3Page - Continental Device India Limited BC182 Datasheet HTML 4Page - Continental Device India Limited BC182 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Pin 1: Cathode
Pin 3: Anode
DIM
Min
Max
DIM
Min
Max
A
4.32
5.33
G
1.14
1.40
B
4.45
5.20
H
1.20
1.80
C
3.18
4.19
K
12.5
D
0.40
0.55
L
1.982
2.082
E
0.30
0.55
M
1.03
1.53
F
Pin 1
Emitter
Pin 2
Base
Pin 3
Collector
BC182_184Rev_1 201205E
TO-92 Leaded Plastic Package
All Dimensions are in mm
5º
Continental Device India Limited
Data Sheet
Page 3 of 5
TO-92
Plastic Package
2N5551
For Lead Free Parts, Device Part #
will be Prefixed with "T"
TO-92
Plastic Package
BC182, A, B
BC183, A, B, C
BC184, B, C



Html Pages

1 2 3 4 5