Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCP52 Fiches technique(PDF) 2 Page - Continental Device India Limited

No de pièce BCP52
Description  PNP SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CDIL [Continental Device India Limited]
Site Internet  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BCP52 Fiches technique(HTML) 2 Page - Continental Device India Limited

  BCP52 Datasheet HTML 1Page - Continental Device India Limited BCP52 Datasheet HTML 2Page - Continental Device India Limited BCP52 Datasheet HTML 3Page - Continental Device India Limited BCP52 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DIM
Min
Max
DIM
Min
Max
A
1.52
1.80
E
3.30
3.70
A1
0.02
0.10
E1
6.70
7.30
A2
1.50
1.70
F
B
0.61
0.81
F1
4.50
4.70
C
0.25
0.35
L
D
6.30
6.70
L1
0.90
D1
2.90
3.10
N
0.00
10.00
BCP51_53Rev011104E
SOT-223 SMD Plastic Package
All Dimensions are in mm
2.30 Typ
1.76 Typ
Continental Device India Limited
Data Sheet
Page 2 of 4
BCP51 BCP52 BCP53
SOT-223
Formed SMD Package



Html Pages

1 2 3 4