Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9822EPD Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce L9822EPD
Description  Octal serial solenoid driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9822EPD Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button L9822EPD Datasheet HTML 8Page - STMicroelectronics L9822EPD Datasheet HTML 9Page - STMicroelectronics L9822EPD Datasheet HTML 10Page - STMicroelectronics L9822EPD Datasheet HTML 11Page - STMicroelectronics L9822EPD Datasheet HTML 12Page - STMicroelectronics L9822EPD Datasheet HTML 13Page - STMicroelectronics L9822EPD Datasheet HTML 14Page - STMicroelectronics L9822EPD Datasheet HTML 15Page - STMicroelectronics L9822EPD Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Functional description
L9822E
12/17
4.6
Fault conditions check
Checking for fault conditions may be done in the following way. Clock in a new control byte.
Wait 160 µs or so to allow the outputs to settle.
Clock in the same control byte and observe the diagnostic data that comes out of the device.
The diagnostic bits should be identical to the bits that were first clocked in. Any differences
would point to a fault on that output. If the output was programmed ON by clocking in a zero,
and a one came back as the diagnostic bit for that output, the output pin was still high and a
short circuit or overload condition exists.
If the output was programmed OFF by clocking in a one, and a zero came back as the
diagnostic bit for that output, nothing had pulled the output pin high and it must be floating,
so an open circuit condition exists for that output.
Figure 4.
Byte timing with asynchronous reset.
Figure 5.
Timing diagram.
RESET
CE
SCLK
SI
#7
#6
#5
#4
#3
#2
#1
#7
#6
#5
#4
#3
#2
#1
#0
NEW
RESET
FAULTS
SO
OUTPUTS
OLD
CE
SCLK
SI
SO
OUTS
OLD
NEW
TUD
TDIS
DI0
TLAG
DI7
TH
#6
#7
I/FOP
TWSCKH
TLEAD
#0
TWSCKL
TSU
TV
TEN
THD
D00
D06
D07
TPHL
TPLH
FAULT-INDUCED
TURN/OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17