Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ECOS1AA273BA Fiches technique(PDF) 4 Page - Panasonic Semiconductor

No de pièce ECOS1AA273BA
Description  Large Can Aluminum Electrolytic Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECOS1AA273BA Fiches technique(HTML) 4 Page - Panasonic Semiconductor

  ECOS1AA273BA Datasheet HTML 1Page - Panasonic Semiconductor ECOS1AA273BA Datasheet HTML 2Page - Panasonic Semiconductor ECOS1AA273BA Datasheet HTML 3Page - Panasonic Semiconductor ECOS1AA273BA Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TS-HA Standard Ratings (continued)
Cap.
Panasonic
(µF)
120Hz
10kHz~
120Hz
20kHz
Part Number
33
22 x 20
0.20
0.28
5.024
1.758
ECOS2GA330BL
22 x 25
0.30
0.42
4.521
1.582
ECOS2GA330BA
47
22 x 25
0.43
0.60
2.822
0.988
ECOS2GA470BA
25 x 20
0.25
0.35
3.527
1.235
ECOS2GA470CL
56
22 x 25
0.51
0.71
2.368
0.829
ECOS2GA560BA
68
22 x 30
0.56
0.78
1.950
0.683
ECOS2GA680BA
25 x 25
0.56
0.78
1.950
0.683
ECOS2GA680CA
30 x 20
0.35
0.49
2.438
0.853
ECOS2GA680DL
82
22 x 35
0.64
0.90
1.617
0.566
ECOS2GA820BA
25 x 25
0.64
0.90
1.617
0.566
ECOS2GA820CA
100
22 x 35
0.69
0.97
1.326
0.464
ECOS2GA101BA
25 x 30
0.69
0.97
1.326
0.464
ECOS2GA101CA
35 x 20
0.47
0.66
1.658
0.580
ECOS2GA101EL
120
22 x 40
0.75
1.05
1.105
0.387
ECOS2GA121BA
25 x 35
0.75
1.05
1.105
0.387
ECOS2GA121CA
30 x 25
0.75
1.05
1.105
0.387
ECOS2GA121DA
150
22 x 50
0.82
1.15
0.884
0.309
ECOS2GA151BA
25 x 40
0.82
1.15
0.884
0.309
ECOS2GA151CA
30 x 30
0.82
1.15
0.884
0.309
ECOS2GA151DA
180
25 x 45
0.95
1.33
0.737
0.258
ECOS2GA181CA
30 x 35
0.95
1.33
0.737
0.258
ECOS2GA181DA
35 x 25
0.95
1.33
0.737
0.258
ECOS2GA181EA
220
25 x 50
1.10
1.54
0.603
0.211
ECOS2GA221CA
30 x 40
1.10
1.54
0.603
0.211
ECOS2GA221DA
35 x 30
1.10
1.54
0.603
0.211
ECOS2GA221EA
270
30 x 45
1.20
1.68
0.491
0.172
ECOS2GA271DA
35 x 35
1.20
1.68
0.491
0.172
ECOS2GA271EA
330
30 x 50
1.35
1.89
0.402
0.161
ECOS2GA331DA
35 x 40
1.35
1.89
0.402
0.161
ECOS2GA331EA
390
35 x 45
1.55
2.17
0.340
0.136
ECOS2GA391EA
470
35 x 50
1.75
2.45
0.282
0.127
ECOS2GA471EA
56
22 x 25
0.40
0.56
2.368
0.947
ECOS2WA560BA
68
22 x 30
0.50
0.70
1.950
0.780
ECOS2WA680BA
25 x 25
0.50
0.70
1.950
0.780
ECOS2WA680CA
82
22 x 35
0.56
0.78
1.617
0.647
ECOS2WA820BA
100
22 x 40
0.64
0.90
1.326
0.531
ECOS2WA101BA
25 x 30
0.64
0.90
1.326
0.531
ECOS2WA101CA
30 x 25
0.64
0.90
1.326
0.531
ECOS2WA101DA
120
22 x 45
0.72
1.01
1.105
0.442
ECOS2WA121BA
25 x 35
0.72
1.01
1.105
0.442
ECOS2WA121CA
150
22 x 50
0.79
1.11
0.884
0.354
ECOS2WA151BA
25 x 40
0.79
1.11
0.884
0.354
ECOS2WA151CA
30 x 30
0.79
1.11
0.884
0.354
ECOS2WA151DA
35 x 25
0.79
1.11
0.884
0.354
ECOS2WA151EA
180
25 x 45
0.87
1.22
0.737
0.295
ECOS2WA181CA
30 x 35
0.87
1.22
0.737
0.295
ECOS2WA181DA
220
25 x 50
1.00
1.40
0.678
0.271
ECOS2WA221CA
30 x 40
1.00
1.40
0.678
0.271
ECOS2WA221DA
35 x 30
1.00
1.40
0.678
0.271
ECOS2WA221EA
270
30 x 45
1.17
1.64
0.614
0.246
ECOS2WA271DA
35 x 35
1.17
1.64
0.614
0.246
ECOS2WA271EA
330
30 x 50
1.38
1.93
0.502
0.201
ECOS2WA331DA
35 x 40
1.38
1.93
0.502
0.201
ECOS2WA331EA
390
35 x 50
1.55
2.17
0.425
0.170
ECOS2WA391EA
D x L
400 VDC Working, 450 VDC Surge
450 VDC Working, 500 VDC Surge
Max 105°C R.C. (Arms)
20°C ESR (
Ω
Ω
Ω
Ω, max.)
Size (mm)
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
Large Can Aluminum Electrolytic Capacitors



Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com