| Moteur de recherche de fiches techniques de composants électroniques |
|
M24C04-R Fiches technique(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C04-R Fiches technique(HTML) 10 Page - STMicroelectronics |
|
10 / 34 page ![]() Device operation M24C04-W M24C04-R M24C04-F 10/34 DocID023994 Rev 3 4 Device operation The device supports the I2C protocol. This is summarized in Figure 4. Any device that sends data on to the bus is defined to be a transmitter, and any device that reads the data to be a receiver. The device that controls the data transfer is known as the bus master, and the other as the slave device. A data transfer can only be initiated by the bus master, which will also provide the serial clock for synchronization. The device is always a slave in all communications. Figure 4. I2C bus protocol SCL SDA SCL SDA SDA START Condition SDA Input SDA Change AI00792B STOP Condition 1 23 7 89 MSB ACK START Condition SCL 1 23 7 89 MSB ACK STOP Condition |