Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX85C33 Fiches technique(PDF) 1 Page - Continental Device India Limited

No de pièce BZX85C33
Description  SILICON PLANAR ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CDIL [Continental Device India Limited]
Site Internet  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BZX85C33 Fiches technique(HTML) 1 Page - Continental Device India Limited

  BZX85C33 Datasheet HTML 1Page - Continental Device India Limited BZX85C33 Datasheet HTML 2Page - Continental Device India Limited BZX85C33 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SILICON PLANAR ZENER DIODES
BZX85C 2V7 to 51V
DO-41
1.3W
These Zeners Are Best Suited For Industrial Purpose, Military & Space Applications. When Hermetically
Sealed in Glass With Double Stud. This Glass Passivated Chip Provides Excellent Stability & Reliability.
ABSOLUTE MAXIMUM RATINGS (Ta=25 deg C)
DESCRIPTION
SYMBOL
VALUE
UNIT
Power Dissipation (1)
PTA
1.3
W
Surge Power Dissipation pulse Width =10ms
PS
10
W
Operating And Storage Junction
Tj,Tstg
-55 to+175
deg C
Temperature Range
Maximum Lead Temperature for Soldering
TL
230
deg C
During 10 sec @ 4mm From Case
Thermal Resistance Junction to Ambient (1)
Rth(j-a)
115.4
deg C/mW
Forward Voltage @ IF=200mA
VF
1.0
V
(1) On infinite heatsink with 4mm Lead Length
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless otherwise Specified)
Device
VZT
rZT
IZT
rZK
IZK
Temp. Coeff
IR
@
VR
IZM
IZSM##
@IZT*
@IZT*
of Zener
Ta=
Voltage typ
25 deg C 150degC
min
max
max
max
max
max
(V)
(V)
(ohm)
(mA)
(ohm)
(mA)
(%/deg C)
(uA)
(uA)
(V)
(mA)
(mA)
BZX85C 2V7
2.50
2.90
20
80
400
1.0
-0.07
150
300
1.0
370
2874
BZX85C 3V0
2.80
3.20
20
80
400
1.0
-0.07
100
300
1.0
340
2604
BZX85C 3V3
3.10
3.50
20
80
400
1.0
-0.06
40
200
1.0
320
2381
BZX85C 3V6
3.40
3.80
20
70
500
1.0
-0.06
20
50
1.0
290
2193
BZX85C 3V9
3.70
4.10
15
60
500
1.0
-0.05
10
20
1.0
280
2033
BZX85C 4V3
4.00
4.60
13
50
500
1.0
-0.03
3.0
10
1.0
250
1812
BZX85C 4V7
4.40
5.00
13
45
500
1.0
-0.01
3.0
10
1.0
215
1667
BZX85C 5V1
4.80
5.40
10
45
500
1.0
+0.01
1.0
10
1.5
200
1543
BZX85C 5V6
5.20
6.00
7
45
400
1.0
+0.03
1.0
10
2.0
190
1389
BZX85C 6V2
5.80
6.60
4
35
300
1.0
+0.04
1.0
10
3.0
170
1263
BZX85C 6V8
6.40
7.20
3.5
35
300
1.0
+0.05
1.0
10
4.0
155
1157
BZX85C 7V5
7.00
7.90
3
35
200
0.5
+0.05
1.0
10
4.5
140
1055
BZX85C 8V2
7.70
8.70
5
25
200
0.5
+0.06
1.0
10
6.2
130
958
BZX85C 9V1
8.50
9.60
5
25
200
0.5
+0.06
1.0
10
6.8
120
868
BZX85C 10
9.40
10.60
7.5
25
200
0.5
+0.07
0.5
10
7.0
105
786
BZX85C 11
10.40
11.60
8
20
300
0.5
+0.07
0.5
10
8.2
97
718
BZX85C 12
11.40
12.70
9
20
350
0.5
+0.07
0.5
10
9.1
88
656
BZX85C 13
12.40
14.10
10
20
400
0.5
+0.07
0.5
10
10
79
591
BZX85C 15
13.80
15.60
15
15
500
0.5
+0.08
0.5
10
11
71
534
BZX85C 16
15.30
17.10
15
15
500
0.5
+0.08
0.5
10
12
66
487
BZX85C 18
16.80
19.10
20
15
500
0.5
+0.08
0.5
10
13
62
436
BZX85C 20
18.80
21.20
24
10
600
0.5
+0.08
0.5
10
15
56
393
BZX85C 22
20.80
23.30
25
10
600
0.5
+0.08
0.5
10
16
52
358
BZX85C 24
22.80
25.60
25
10
600
0.5
+0.08
0.5
10
18
47
326
@IZK
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Numéro de pièce similaire - BZX85C33

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BZX85C33 VISHAY-BZX85C33 Datasheet
58Kb / 5P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
logo
Fairchild Semiconductor
BZX85C33 FAIRCHILD-BZX85C33 Datasheet
49Kb / 3P
Zeners
logo
EIC discrete Semiconduc...
BZX85C33 EIC-BZX85C33 Datasheet
18Kb / 2P
SILICON ZENER DIODES
logo
GOOD-ARK Electronics
BZX85C33 GOOD-ARK-BZX85C33 Datasheet
129Kb / 3P
SILICON PLANAR POWER ZENER DIODES
logo
Fairchild Semiconductor
BZX85C33 FAIRCHILD-BZX85C33 Datasheet
53Kb / 5P
Zeners
More results

Description similaire - BZX85C33

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Zowie Technology Corpor...
MM3Z5221BH ZOWIE-MM3Z5221BH Datasheet
190Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM1Z2V0 HTSEMI-MM1Z2V0 Datasheet
236Kb / 4P
SILICON PLANAR ZENER DIODES
MM3Z2V2B HTSEMI-MM3Z2V2B Datasheet
675Kb / 4P
Silicon Planar Zener Diodes
ZMM1 HTSEMI-ZMM1 Datasheet
1Mb / 8P
SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com