| Moteur de recherche de fiches techniques de composants électroniques |
|
IRF3205ZPBF Fiches technique(PDF) 11 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRF3205ZPBF Fiches technique(HTML) 11 Page - International Rectifier |
|
11 / 12 page ![]() IRF3205ZS/LPbF www.irf.com 11 TO-262 Part Marking Information ASSEMBLY LOT CODE RECTIFIER INTERNATIONAL AS SEMBLED ON WW 19, 1997 Note: "P" in assembly line position indicates "Lead-Free" IN THE ASSEMBLY LINE "C" LOGO THIS IS AN IRL3103L LOT CODE 1789 EXAMPLE: LINE C DATE CODE WEEK 19 YEAR 7 = 1997 PART NUMBER PART NUMBER LOGO LOT CODE ASSEMBLY INTERNATIONAL RECTIFIER PRODUCT (OPTIONAL) P = DESIGNATES LEAD-FREE A = ASSEMBLY SITE CODE WEEK 19 YEAR 7 = 1997 DATE CODE OR Notes: 1. For an Automotive Qualified version of this part please see http://www.irf.com/product-info/auto/ 2. For the most current drawing please refer to IR website athttp://www.irf.com/package/ TO-262 Package Outline Dimensions are shown in millimeters (inches) |