Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DB101 Fiches technique(PDF) 2 Page - Continental Device India Limited

No de pièce DB101
Description  BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CDIL [Continental Device India Limited]
Site Internet  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

DB101 Fiches technique(HTML) 2 Page - Continental Device India Limited

  DB101 Datasheet HTML 1Page - Continental Device India Limited DB101 Datasheet HTML 2Page - Continental Device India Limited DB101 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DB101 - DB107
DB-1
Leaded Plastic Package
DIM
Min
Max
DIM
Min
Max
A
6.2
6.5
E
0.5
B
7.6
8.9
F
2.6
3.2
C
8.0
8.3
G
3.9
4.2
D
5.0
5.2
H
1.5
For Bulk Packaging Type Std Packing Qty is 1,000 and For Tube Packaging Type Std Packing Qty is 2,500
Component Disposal Instructions
1. CDIL Semiconductor Devices are RoHS compliant, customers are requested to please dispose
as per prevailing Environmental Legislation of their Country.
2. In Europe, please dispose as per EU Directive 2002/96/EC on Waste Electrical and Electronic Equipment (WEEE).
DB101_7 Rev100206D
DB-1 Leaded Plastic Package
Continental Device India Limited
Data Sheet
Page 2 of 3



Html Pages

1 2 3