| Moteur de recherche de fiches techniques de composants électroniques |
|
KPR113 Fiches technique(PDF) 1 Page - Visual Communications Company |
|
|
|||||||||||||||||||||||||||||
KPR113 Fiches technique(HTML) 1 Page - Visual Communications Company |
|
|
1 / 1 page ![]() engineered to light up your design www.vcclite.com 1.800.522.5546 CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC. B-6 Single Bayonet Base B-3 1/2 Single Contact Miniature Flange Base Number P art Voltage Des ign A mps MS C P Hours L ife T ype F ilament C M1317 C M209 C M105 C M1003 C M601-1 C M1308 28.0 28.0 12.8 12.8 6.5 6.0 .56 .56 .94 1.00 1.78 .45 16.0 - 15.0 12.0 15.0 3.4 2,000 2,000 100 500 100 100 CC -81 C M1309 28.0 .52 15.0 300 2C -2R CC -81 C -6 C -6 C -6 C -6 C omments B lk. B onnet C omments K ryton G as F ill K ryton G as F ill C -2R C -2R S -2 C -2R C -2R C -2R 15 15 50 45 30 15 2.70 1.50 .15 .25 .45 1.47 .70 .50 .07 .15 .30 .84 3.60 3.57 3.00 2.70 2.47 2.40 K P R 103 P R 3 C M395X P R 9 P R 6 K P R 131 Number P art Voltage Des ign A mps MS C P Hours L ife T ype F ilament P R 8 P R 1 P R 28 P R 4 P R 5 P R 2 K P R 102 2.40 2.38 2.35 2.33 2.20 2.00 1.90 .70 .50 .35 .27 .80 .95 .60 1.30 .80 .45 .40 .90 1.00 .65 15 15 35 10 20 40 10 C -2R C -2R C -2R C -2R C -6 C -2R C -2R C -2R C -2R 30 30 .90 .60 .30 .20 3.70 3.60 P R 7 P R 29 P R 18 P R 20 P R 16 12.50 8.63 7.20 .25 .50 .55 2.70 5.00 4.20 50 15 20 C -2R C -2R C -2R C -2R C -2R C -2R C -2R C -2R C -2R C -2R 40 15 15 30 30 15 15 2.25 2.00 4.06 2.00 1.20 3.00 5.23 .86 .50 .70 .50 .30 .50 .55 3.75 4.75 4.80 4.82 4.90 5.95 7.20 K P R 118 P R 12 P R 17 P R 15 K P R 113 P R 13 P R 30 K ryton G as F ill K ryton G as F ill K ryton G as F ill 1.75 MAX. MAX. .780 1.25 MAX. .445 MAX. |
Numéro de pièce similaire - KPR113 |
|
Description similaire - KPR113 |