Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ER3C Fiches technique(PDF) 3 Page - Continental Device India Limited

No de pièce ER3C
Description  SURFACE MOUNT SUPERFAST RECOVERY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CDIL [Continental Device India Limited]
Site Internet  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

ER3C Fiches technique(HTML) 3 Page - Continental Device India Limited

  ER3C Datasheet HTML 1Page - Continental Device India Limited ER3C Datasheet HTML 2Page - Continental Device India Limited ER3C Datasheet HTML 3Page - Continental Device India Limited ER3C Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ER3A - ER3J
DO-214AB (SMC)
SMD Plastic Package
Packaging Information
Package/
Packaging Type Std. Packing
Case Type
Qty
Qty
Qty
Size
L x W x H
(cm)
DO-214AB (SMC)
T&R
1,500
1.5K
12K
T & R: Tape and Reel
ER3A_ 3JRev260406D
Reel Dimensions and Components/Reel for SMD Package
30 x 7.3 x 4
Gross
Weight
(Kg)
SMC Packaging Tape
Size
L
x W x H
(cm)
Gross Weight
(Kg)
Inner Carton
Outer Carton
All Dimensions are in mm
Continental Device India Limited
Data Sheet
Page 3 of 4



Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com