Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KBPC-8 Fiches technique(PDF) 2 Page - Continental Device India Limited

No de pièce KBPC-8
Description  KBPC-8 (4 Leads) Square Leaded Package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CDIL [Continental Device India Limited]
Site Internet  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

KBPC-8 Fiches technique(HTML) 2 Page - Continental Device India Limited

  KBPC-8 Datasheet HTML 1Page - Continental Device India Limited KBPC-8 Datasheet HTML 2Page - Continental Device India Limited KBPC-8 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DIM
Min
Max
DIM
Min
Max
A
18.50
19.60
E
12.20
13.20
B
6.50
7.50
F
12.20
13.20
C
19.10
G
1.0
1.10
D
18.50
19.60
H
KBPC-8_Pkg_Drawing Rev190906D
KBPC-8 Square Leaded Plastic Package
All Dimensions are in mm
Continental Device India Limited
Data Sheet
Page 2 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company



Html Pages

1 2 3