| Moteur de recherche de fiches techniques de composants électroniques |
|
MHCD252010A-R24M-A8S Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
MHCD252010A-R24M-A8S Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 9 page ![]() Molding Power Choke – MHCD Series MHCD Series Chilisin’s MHCD Series provides high current and low DCR in compact sizing with magnetically shielded construction. This power inductor is an excellent power solution for space-limited devices. Features Applications Monolithic, magnetically shielded Compact high saturation current Minimum height=1.0mm Max Smartphone Tablet PC Hard disk of ultrabook LTE module Portable device Product Identification Shape and Dimensions Recommended Pattern Dimensions in mm TYPE A B C D 201210 2.0±0.2 1.25±0.2 1.0Max 0.5±0.3 201610 2.0±0.2 1.6±0.2 1.0Max 0.5±0.3 201612 2.0±0.2 1.6±0.2 1.2Max 0.5±0.3 252010 2.5±0.2 2.0±0.2 1.0Max 0.6±0.2 252012 2.5±0.2 2.0±0.2 1.2Max 0.6±0.2 322510 3.2±0.3 2.5±0.3 1.0Max 0.5±0.2 322512 3.2±0.3 2.5±0.3 1.2Max 0.5±0.2 Dimensions in mm TYPE A B C 201210 0.8~1.2 2.3~2.9 1.0~1.4 201610 0.9 2.0 1.6 201612 0.9 2.0 1.6 252010 1.2 2.8 2.0 252012 1.2 2.8 2.0 322510 1.7 3.2 2.5 322512 1.7 3.2 2.5 |
Numéro de pièce similaire - MHCD252010A-R24M-A8S |
|
Description similaire - MHCD252010A-R24M-A8S |