Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MHCB06030-R10M-C1 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce MHCB06030-R10M-C1
Description  Molding Power Choke
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

MHCB06030-R10M-C1 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  MHCB06030-R10M-C1 Datasheet HTML 1Page - List of Unclassifed Manufacturers MHCB06030-R10M-C1 Datasheet HTML 2Page - List of Unclassifed Manufacturers MHCB06030-R10M-C1 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Molding Power Choke – MHCB Series
Electrical Characteristics
Inductance
Tolerance
Test
Frequency
Irms
Isat
RDC
Part Number
(uH)
(±%)
(KHz)
(A)Typ.
(A)Typ.
(mΩ)Max
MHCB06030-R10M-C1
0.10
20
100
32.5
60
1.7
MHCB06030-R68M-C1
0.68
20
100
15.5
25
5.5
MHCB06030-R82M-C1
0.82
20
100
13.0
24
8.0
MHCB06030-1R0M-C1
1.0
20
100
11.0
22
10
MHCB06030-1R5M-C1
1.50
20
100
9.0
18
15
MHCB06030-2R2M-C1
2.2
20
100
8.0
14
20
MHCB06030-3R3M-C1
3.3
20
100
6.0
13.5
30
MHCB06030-4R7M-C1
4.7
20
100
5.5
10.0
40
MHCB06030-6R8M-C1
6.8
20
100
4.5
8.0
60
Irms DC current (A) that will cause an approximate ΔT of 40℃
Isat DC current (A) that will cause L to drop approximately 20%
Tolerance:M= ±20%
L : WK 3260B, 100KHz 0.5V
Rdc : CHEN HWA 502
Operating temperature range from -55℃ to 125℃. (Including self - temperature rise)
Test Instruments:WK3260B Impedance / Material Analyzer
Inductance v.s DC Current
0
1
2
3
4
5
6
7
8
0
1020
30405060
DC Current (A)
R10
R68
R82
1R0
1R5
2R2
4R7
6R8
3R3
Tem perature Change v.s DC Current
0
10
20
30
40
50
60
70
80
90
100
110
120
130
0
5
10
15
20
25
30
35
40
45
50
55
DC Current (A)
R10
R68
R82
1R0
2R2
1R5
3R3
4R7
6R8



Html Pages

1 2 3