| Moteur de recherche de fiches techniques de composants électroniques |
|
LVC Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
LVC Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 10 page ![]() Sealed Power Inductors – LVC Series LVC Series LVC series, an automatic assembly constructed power inductor, is shielded with magnetic resin and suitable for portable DC-DC converter application. Features Applications RoHS compliant Low DC resistance and high current Highly accurate dimensions Superior EMI characteristics with ultra low radiation comparing to conventional shielded power inductors Halogen free Smart phone DSC Tablet PC and other portable devices DC/DC converters Product Identification Shape and Dimensions Recommended Pattern Figure 1 Dimensions in mm TYPE FIG A B C D H I J LVC201B10 1 2.0±0.25 1.6±0.25 1.02 Max 0.6 1.8 0.80 0.8 LVC201B12 1 2.0±0.25 1.6±0.25 1.2±0.05 0.6 1.8 0.80 0.8 LVC252A12 1 2.5±0.25 2.0±0.25 1.2±0.05 0.8 2.2 0.85 0.8 |
Numéro de pièce similaire - LVC |
|
Description similaire - LVC |