Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CPUS1210MN-R56M-N Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce CPUS1210MN-R56M-N
Description  SMD Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

CPUS1210MN-R56M-N Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  CPUS1210MN-R56M-N Datasheet HTML 1Page - List of Unclassifed Manufacturers CPUS1210MN-R56M-N Datasheet HTML 2Page - List of Unclassifed Manufacturers CPUS1210MN-R56M-N Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Power Inductors – CPUS Series
Packaging Specifications
Tape Dimensions
Reel Dimensions
Dimensions in mm
Tape Dimensions
Reel Dimensions
Quantity
TYPE
A0
B0
K0
D
E
W
T
P
P0
P2
A
B
C
D
PCS / REEL
CPUS0807MN
8.25
9.0
7.4
1.5
1.75
24
0.4
16
4
2
330
75
13.5
24
500
CPUS1009MN
10.4
11.3
9.8
1.5
1.75
24
0.4
16
4
2
330
75
13.5
24
400
CPUS1210MN
11.8
12.6
10.55
1.5
1.75
24
0.5
20
4
2
330
75
13.5
24
300



Html Pages

1 2 3