| Moteur de recherche de fiches techniques de composants électroniques |
|
CPUS1210MN-R33M-N Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
CPUS1210MN-R33M-N Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 3 page ![]() SMD Power Inductors - CPUS Series CPUS Series CPUS Series is designed for low RDC and ultra large current application. Its assembly model and magnetic shielding is suitable for high-density mounting and ultra low buzz noise. Soldering conditions can be easily confirmed when mounting onto board. This series also provides customers with embossed carrier type packaging for automatic mounting machine. Features Applications Lead free Excellent for power line DC-DC conversion applications Shielded construction Lowest DCR/uH in this package size Handle high transient current spikes without saturation Ultra low buzz noise due to composite construction Support halogen free product Power switching for personal computers and other handheld electronic devices Product Identification Shape and Dimensions Dimensions in mm TYPE A B C D E a b c d CPUS0807MN 8.8 +0 8.4 +0 7.5 +0 2.3±0.2 1.5±0.2 9.2 4.4 3.0 2.3 CPU S1009MN 11.3 +0 10.4 +0 9.7 +0 3.0±0.2 1.6±0.2 11.3 6.9 3.6 2.2 CPUS1210MN 12.3 +0 11.7 +0 10.0 +0 3.5±0.2 2.0±0.2 12.8 7.0 5.4 2.9 |
Numéro de pièce similaire - CPUS1210MN-R33M-N |
|
Description similaire - CPUS1210MN-R33M-N |