| Moteur de recherche de fiches techniques de composants électroniques |
|
CPUD Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
CPUD Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 3 page ![]() Leaded Power Chokes - CPUD Series CPUD Series CPUD series is designed for low RDC and ultra large current application. Its assembly model magnetic shielded type is suitable for high-density mounting and ultra low buzz noise. Soldering conditions can be easily confirmed when mounting onto the board. Features Applications Excellent for power line DC-DC conversion applications Shielded construction Low DCR/ uH, in this package series Handle high transient current spikes without saturation Ultra low buzz noise, due to composite construction Excellent for power line DC-DC conversion applications used in power switching, personal computers and other handheld electronic equipment Product Identification Shapes and Dimensions FIG 1 FIG 2 Dimensions in mm TYPE FIG A B C D E F a b c d e CPUD0806MN 1 8.2 +0 8.2 +0 3.5±0.5 7.5 +0 6.5±0.5 0.8±0.1 9.0 9.0 4.3±0.5 4.9±0.5 2 CPU D1108IR 2 11.7 +0 9.7 +0 3.5±0.5 8.5 +0 7.8±0.5 1.4±0.1 12.0 10.0 4.2±0.5 6.6±0.5 2 CPUD1310IR 2 13.5 +0 12.5 +0 3.5±0.5 10 +0 10.5±0.5 1.0±0.1 14.2 13.2 7.0±0.5 7.8±0.5 2 |
Numéro de pièce similaire - CPUD |
|
Description similaire - CPUD |