Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IO13PDB0V0 Fiches technique(PDF) 155 Page - Microsemi Corporation

No de pièce IO13PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO13PDB0V0 Fiches technique(HTML) 155 Page - Microsemi Corporation

Back Button IO13PDB0V0 Datasheet HTML 151Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 152Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 153Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 154Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 155Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 156Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 157Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 158Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 159Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
5 - 41
187
VCCFPGAIOB0
VCCFPGAIOB0
188
GND
GND
189
VCC
VCC
190
EMC_AB[5]/IO06PDB0V0
IO08PDB0V0
191
EMC_AB[4]/IO06NDB0V0
IO08NDB0V0
192
EMC_AB[3]/IO05PDB0V0
GAC1/IO07PDB0V0
193
EMC_AB[2]/IO05NDB0V0
GAC0/IO07NDB0V0
194
EMC_AB[1]/IO04PDB0V0
IO04PDB0V0
195
EMC_AB[0]/IO04NDB0V0
IO04NDB0V0
196
EMC_OEN1_N/IO03PDB0V0
IO03PDB0V0
197
EMC_OEN0_N/IO03NDB0V0
IO03NDB0V0
198
EMC_BYTEN[1]/GAC1/IO02PDB0V0
GAA1/IO02PDB0V0
199
EMC_BYTEN[0]/GAC0/IO02NDB0V0
GAA0/IO02NDB0V0
200
VCCFPGAIOB0
VCCFPGAIOB0
201
GND
GND
202
VCC
VCC
203
EMC_CS1_N/GAB1/IO01PDB0V0
IO01PDB0V0
204
EMC_CS0_N/GAB0/IO01NDB0V0
IO01NDB0V0
205
EMC_RW_N/GAA1/IO00PDB0V0
IO00PDB0V0
206
EMC_CLK/GAA0/IO00NDB0V0
IO00NDB0V0
207
VCCFPGAIOB0
VCCFPGAIOB0
208
GNDQ
GNDQ
Pin Number
PQ208
A2F200
A2F500
Notes:
1. Shading denotes pins that do not have completely identical functions from density to density. For example, the bank
assignment can be different for an I/O, or the function might be available only on a larger density device.
2. *: Indicates that the signal assigned to the pins as a CLKBUF/CLKBUF_LVPECL/CLKBUF_LVDS goes through a
glitchless mux. In order for the glitchless mux to operate correctly, the signal must be a free-running clock signal. Refer
to the ’Glitchless MUX’ section in the SmartFusion Microcontroller Subsystem User’s Guide for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More