Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IO13PDB0V0 Fiches technique(PDF) 151 Page - Microsemi Corporation

No de pièce IO13PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO13PDB0V0 Fiches technique(HTML) 151 Page - Microsemi Corporation

Back Button IO13PDB0V0 Datasheet HTML 147Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 148Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 149Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 150Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 151Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 152Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 153Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 154Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 155Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
5 - 37
63
TM1
TM1
64
CM1
CM1
65
ABPS3
ABPS3
66
ABPS2
ABPS2
67
ADC0
ADC0
68
ADC1
ADC1
69
ADC2
ADC2
70
ADC3
ADC3
71
VAREF0
VAREF0
72
GND33ADC0
GND33ADC0
73
VCC33ADC0
VCC33ADC0
74
GND33ADC0
GND33ADC0
75
VCC15ADC0
VCC15ADC0
76
GND15ADC0
GND15ADC0
77
GND15ADC1
GND15ADC1
78
VCC15ADC1
VCC15ADC1
79
GND33ADC1
GND33ADC1
80
VCC33ADC1
VCC33ADC1
81
GND33ADC1
GND33ADC1
82
VAREF1
VAREF1
83
ADC7
ADC7
84
ADC6
ADC6
85
ADC5
ADC5
86
ADC4
ADC4
87
ABPS6
ABPS6
88
ABPS7
ABPS7
89
CM3
CM3
90
TM3
TM3
91
GNDTM1
GNDTM1
92
TM2
TM2
93
CM2
CM2
Pin Number
PQ208
A2F200
A2F500
Notes:
1. Shading denotes pins that do not have completely identical functions from density to density. For example, the bank
assignment can be different for an I/O, or the function might be available only on a larger density device.
2. *: Indicates that the signal assigned to the pins as a CLKBUF/CLKBUF_LVPECL/CLKBUF_LVDS goes through a
glitchless mux. In order for the glitchless mux to operate correctly, the signal must be a free-running clock signal. Refer
to the ’Glitchless MUX’ section in the SmartFusion Microcontroller Subsystem User’s Guide for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More