Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IO20PDB0V0 Fiches technique(PDF) 106 Page - Microsemi Corporation

No de pièce IO20PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO20PDB0V0 Fiches technique(HTML) 106 Page - Microsemi Corporation

Back Button IO20PDB0V0 Datasheet HTML 102Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 103Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 104Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 105Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 106Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 107Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 108Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 109Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 110Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 197 page
background image
SmartFusion Development Tools
3- 2
R ev isio n 1 2
Embedded Design
Microsemi offers FREE SoftConsole Eclipse based IDE, which includes the GNU C/C++ compiler and
GDB debugger. Microsemi also offers evaluation versions of software from Keil and IAR, with full
versions available from respective suppliers.
Analog Design
The MSS configurator provides graphical configuration for current, voltage and temperature monitors,
sample sequencing setup and post-processing configuration, as well as DAC output.
The MSS configurator creates a bridge between the FPGA fabric and embedded designers so device
configuration can be easily shared between multiple developers.
The MSS configurator includes the following:
•
A simple configurator for the embedded designer to control the MSS peripherals and I/Os
•
A method to import and view a hardware configuration from the FPGA flow into the embedded
flow containing the memory map
•
Automatic generation of drivers for any peripherals or soft IP used in the system configuration
•
Comprehensive analog configuration for the programmable analog components
•
Creation of a standard MSS block to be used in SmartDesign for connection of FPGA fabric
designs and IP
Figure 3-2 •
MSS Configurator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More