Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IO20PDB0V0 Fiches technique(PDF) 105 Page - Microsemi Corporation

No de pièce IO20PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO20PDB0V0 Fiches technique(HTML) 105 Page - Microsemi Corporation

Back Button IO20PDB0V0 Datasheet HTML 101Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 102Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 103Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 104Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 105Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 106Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 107Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 108Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 109Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
3 - 1
3 – SmartFusion Development Tools
Designing with SmartFusion cSoCs involves three different types of design: FPGA design, embedded
design and analog design. These roles can be filled by three different designers, two designers or even a
single designer, depending on company structure and project complexity.
Types of Design Tools
Microsemi has developed design tools and flows to meet the needs of these three types of designers so
they can work together smoothly on a single project (Figure 3-1).
FPGA Design
Libero System-on-Chip (SoC) software is Microsemi’s comprehensive software toolset for designing with
all Microsemi FPGAs and cSoCs. Libero SoC includes industry-leading synthesis, simulation and debug
tools from Synopsys® and Mentor Graphics®, as well as innovative timing and power optimization and
analysis.
Figure 3-1 •
Three Design Roles
FPGA Design
Embedded Design
Software IDE
(SoftConsole, Keil, IAR)
MSS Configurator
MSS Configuration – Analog Configuration
Hardware Interfaces
FlashPro4, ULINK, J-LINK
Design Entry and IP Libraries
Simulation and Synthesis
Compile and Layout
Timing and Power Analysis
Hardware Debug
Drivers and Sample Projects
Application Development
Build Project
Simulation
Software Debug



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More