Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IO96RSB1 Fiches technique(PDF) 89 Page - Microsemi Corporation

No de pièce IO96RSB1
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO96RSB1 Fiches technique(HTML) 89 Page - Microsemi Corporation

Back Button IO96RSB1 Datasheet HTML 85Page - Microsemi Corporation IO96RSB1 Datasheet HTML 86Page - Microsemi Corporation IO96RSB1 Datasheet HTML 87Page - Microsemi Corporation IO96RSB1 Datasheet HTML 88Page - Microsemi Corporation IO96RSB1 Datasheet HTML 89Page - Microsemi Corporation IO96RSB1 Datasheet HTML 90Page - Microsemi Corporation IO96RSB1 Datasheet HTML 91Page - Microsemi Corporation IO96RSB1 Datasheet HTML 92Page - Microsemi Corporation IO96RSB1 Datasheet HTML 93Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 210 page
background image
ProASIC3 Flash Family FPGAs
Re vi s i on 15
2 - 84
Global Resource Characteristics
A3P250 Clock Tree Topology
Clock delays are device-specific. Figure 2-27 is an example of a global tree used for clock routing. The
global tree presented in Figure 2-27 is driven by a CCC located on the west side of the A3P250 device. It
is used to drive all D-flip-flops in the device.
Global Tree Timing Characteristics
Global clock delays include the central rib delay, the spine delay, and the row delay. Delays do not
include I/O input buffer clock delays, as these are I/O standard–dependent, and the clock may be driven
and conditioned internally by the CCC module. For more details on clock conditioning capabilities, refer
to the "Clock Conditioning Circuits" section on page 2-89. Table 2-108 to Table 2-114 on page 2-88
present minimum and maximum global clock delays within each device. Minimum and maximum delays
are measured with minimum and maximum loading.
Figure 2-27 • Example of Global Tree Use in an A3P250 Device for Clock Routing
Central
Global Rib
VersaTile
Rows
Global Spine
CCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More