Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL28EB742 Fiches technique(PDF) 39 Page - List of Unclassifed Manufacturers

No de pièce SL28EB742
Description  INTEL CEDARVIEW EMBEDDED CLOCK GENERATOR
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

SL28EB742 Fiches technique(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button SL28EB742 Datasheet HTML 32Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 33Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 34Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 35Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 36Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 37Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 38Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 39Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 40Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
SL28EB742
Preliminary Rev. 0.1
39
Table 13. Package Diagram Dimensions
Symbol
Millimeters
Min
Nom
Max
A
0.70
0.75
0.80
A1
0.00
0.02
0.05
A3
0.20 REF
b
0.18
0.25
0.30
D
8.00 BSC
D2
5.80
5.90
6.00
e
0.50 BSC
E
8.00 BSC
E2
5.80
5.90
6.00
L
0.30
0.40
0.50
aaa
0.10
bbb
0.10
ccc
0.10
ddd
0.10
eee
0.08
Notes:
1. All dimensions shown are in millimeters (mm) unless otherwise
noted.
2. Dimensioning and Tolerancing per ANSI Y14.5M-1994.
3. Recommended card reflow profile is per the JEDEC/IPC J-STD-020
specification for Small Body Components.
4. This drawing conforms to the JEDEC Solid State Outline MO-220.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40