| Moteur de recherche de fiches techniques de composants électroniques |
|
ASMDC150F24 Fiches technique(PDF) 18 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ASMDC150F24 Fiches technique(HTML) 18 Page - Tyco Electronics |
|
18 / 26 page ![]() 190 RoHS Compliant, ELV Compliant 12 Lead material Brass H65, thickness: 0.8mm , tin plating thickness: 5µm Soldering characteristics NA Solder heat withstand NA Insulating material Colored PBT, meets UL94V-0 requirements Operation temperature -40°C~125°C Note: See PS400 for other physical characteristics. Test Conditions Resistance Change Passive aging 85°C, 1000 hours ±5% Humidity aging 85°C, 85% RH,1000 hours ±5% 85°C, 85% RH (with 10% IHOLD), 500 hours ±5% Thermal shock 85°C to -40°C (5 times) meet SCD Solvent resistance MIL-STD-202, Method 215F No change Note: See PS400 for other environmental specifications. BD Physical Characteristics Environmental Specifications Terminal pad material 100% matte tin with nickel underplate Soldering characteristics Solderability per ANSI-J-STD-002 Category 3 Solder heat withstand per IEC-STD 68-2-20, Test Tb, Section 5, Method 1A Flammability resistance per IEC 695-2-2 Needle flame test for 20 seconds Recommended storage conditions 40°C max, 70% RH max; devices may not meet specified ratings if storage conditions are exceeded Operation temperature -40°C~85°C Note: See PS400 for other physical characteristics. Test Conditions Resistance Change Passive aging 60°C, 1000 hours ±3% typical 85°C, 1000 hours ±5% typical Humidity aging 85°C, 85% RH, 100 hours ±1.2% typical Thermal shock 85°C, -40°C (20 times) -33% typical 125°C, -55°C (10 times) -33% typical Solvent resistance Freon No change Trichloroethane No change Hydrocarbons No change Note: See PS400 for other environmental specifications. nanoASMDC/microASMD/miniASMDC Physical Characteristics Environmental Specifications Table A5 Physical Characteristics and Environmental Specifications for Automotive Devices Cont’d |