| Moteur de recherche de fiches techniques de composants électroniques |
|
PA86EU Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
PA86EU Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers |
|
4 / 5 page ![]() APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546–2739 4 PA86 OPERATING CONSIDERATIONS EXTERNAL CONNECTIONS SMALL SIGNAL GAIN AND PHASE PLOTS The input signal amplitude to the PA86 ampli- fier is related to the overall phase margin and unity gain bandwidth. For very small signal am- plitudes the amplifier phase margin is negative and it shows instability. If small signal stability is desired a constant current source of 500 uA (or resistor for constant supply voltage) needs to be added externally between C C– and +VS. This current source has minor effects on output offset voltage but helps immensely with small signal stability. The following gain and phase plots have been generated with a 100k resistor (fixed dual supply voltage +/– 50V) between C C– and +VS. Please note that the unity gain bandwidth and phase margin improves with larger signal amplitude because of the unique differential amplifier stage in the PA86. SAFE OPERATING AREA The MOSFET output stage of the PA86 is not limited by second breakdown considerations as in bipolar output stages. Only thermal considerations and current handling capabilities limit the SOA. The output stage is protected against transient flyback by the parasitic body diodes of the output stage MOS- FET structure. However, for protection against sustained high energy flyback external fast–recovery diodes must be used. |