Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S2D Fiches technique(PDF) 3 Page - Continental Device India Limited

No de pièce S2D
Description  SURFACE MOUNT SUPERFAST RECOVERY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CDIL [Continental Device India Limited]
Site Internet  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

S2D Fiches technique(HTML) 3 Page - Continental Device India Limited

  S2D Datasheet HTML 1Page - Continental Device India Limited S2D Datasheet HTML 2Page - Continental Device India Limited S2D Datasheet HTML 3Page - Continental Device India Limited S2D Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
S2A - S2M
DO-214AA (SMB)
SMD Plastic Package
Packaging Information
Package/
Packaging Type Std. Packing
Case Type
Qty
Qty
Qty
Size
L x W x H
(cm)
DO-214AA (SMB)
T&R
5,000
50K
46 x 38
x 22
T & R: Tape and Reel
S2A_ MRev290506D
8.9
Reel Dimensions and Components/Reel for SMD Package
Gross
Weight
(Kg)
SMB Packaging Tape
Size
L
x W x H
(cm)
Gross Weight
(Kg)
Inner Carton
Outer Carton
All Dimensions are in mm
Continental Device India Limited
Data Sheet
Page 3 of 4



Html Pages

1 2 3 4