Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIM3U167 Fiches technique(PDF) 13 Page - Silicon Laboratories

No de pièce SIM3U167
Description  High-Performance, Low-Power, 32-Bit Precision32??USB MCU Family with up to 256 kB of Flash Die in Wafer Form
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SIM3U167 Fiches technique(HTML) 13 Page - Silicon Laboratories

Back Button SIM3U167 Datasheet HTML 9Page - Silicon Laboratories SIM3U167 Datasheet HTML 10Page - Silicon Laboratories SIM3U167 Datasheet HTML 11Page - Silicon Laboratories SIM3U167 Datasheet HTML 12Page - Silicon Laboratories SIM3U167 Datasheet HTML 13Page - Silicon Laboratories SIM3U167 Datasheet HTML 14Page - Silicon Laboratories SIM3U167 Datasheet HTML 15Page - Silicon Laboratories SIM3U167 Datasheet HTML 16Page - Silicon Laboratories SIM3U167 Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
SiM3U167-B-GDI
Rev. 1.1
13
53
46
PB1.9/TRACECLK
–1765
1157
54
47
PB1.8/ETM3
–1765
1057
55
48
PB1.7/ETM2
–1765
957
56
49
VIO
–1765
860
57
33,75
GND
–1765
771
58
NA
Reserved*
–1765
680
59
50
PB1.6/ETM1
–1765
587
60
51
PB1.5/ETM0
–1765
487
61
52
PB1.4/TDI
–1765
387
62
53
PB1.3/TDO/SWV
–1765
287
63
33,75
GND
–1765
191
64
54
PB1.2/TRST
–1765
95
65
55
PB1.1
–1765
–5
66
56
PB1.0
–1765
–105
67
57
PB0.15
–1765
–335
68
33,75
GND
–1765
–570
69
58
PB0.14
–1765
–1456
70
59
PB0.13
–1765
–1556
71
60
PB0.12
–1765
–1656
72
61
PB0.11
–1586
–1835
73
62
PB0.10
–1486
–1835
74
63
PB0.9
–1386
–1835
75
64
PB0.8
–1286
–1835
76
65
PB0.7
–1141
–1835
77
33,75
GND
–985
–1835
78
66
PB0.6
–889
–1835
Table 3. Bond Pad Coordinates (Relative to Center of Die) (Continued)
Physical Pad
Number
Example Package
Pin Number
(TQFP-80)
Package Pin Name
Physical Pad
X (µm)
Physical Pad
Y (µm)
*Note: Pins marked “Reserved” should not be connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18