Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SR25 Fiches technique(PDF) 2 Page - Continental Device India Limited

No de pièce SR25
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CDIL [Continental Device India Limited]
Site Internet  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

SR25 Fiches technique(HTML) 2 Page - Continental Device India Limited

  SR25 Datasheet HTML 1Page - Continental Device India Limited SR25 Datasheet HTML 2Page - Continental Device India Limited SR25 Datasheet HTML 3Page - Continental Device India Limited SR25 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DIM
Min
Max
DIM
Min
Max
A
4.06
4.57
E
1.70
2.31
B
2.18
2.79
F
0.89
1.50
C
1.29
1.70
G
0.102
0.203
D
0.152
0.305
H
4.70
5.31
SR22_SR29Rev200105E
DO-214AC (SMA) SMD Plastic Package
All Dimensions are in mm
Continental Device India Limited
Data Sheet
Page 2 of 4
SR22 - SR2A
DO-214AC (SMA)
Surface Mount Package



Html Pages

1 2 3 4