| Moteur de recherche de fiches techniques de composants électroniques |
|
TO-3PN Fiches technique(PDF) 2 Page - Continental Device India Limited |
|
|
|||||||||||||||||||||||||||||
TO-3PN Fiches technique(HTML) 2 Page - Continental Device India Limited |
|
2 / 6 page ![]() Pin 1: Base Pin 2: Collector Pin 3: Emitter DIM Min Max DIM Min Max A 15.20 16.00 K 20.00 B 1.90 2.10 L 19.60 20.20 C 4.60 5.00 M 0.95 1.25 D 3.10 3.30 N 2.00 E 9.60 O 3.00 F 2 P 4.00 G 0.35 0.55 R 4.00 H 1.4 S 1.80 J 5.35 5.55 T 4.80 5.20 TO3PN_Pkg_Drawing Rev041105 TO-3PN Non Isolated Leaded Plastic Package All Dimensions are in mm Continental Device India Limited Data Sheet Page 2 of 6 Continental Device India Limited An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company |