Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TO-220AC Fiches technique(PDF) 2 Page - Continental Device India Limited

No de pièce TO-220AC
Description  TO-220AC (2 Lead) Leaded Plastic Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CDIL [Continental Device India Limited]
Site Internet  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

TO-220AC Fiches technique(HTML) 2 Page - Continental Device India Limited

  TO-220AC Datasheet HTML 1Page - Continental Device India Limited TO-220AC Datasheet HTML 2Page - Continental Device India Limited TO-220AC Datasheet HTML 3Page - Continental Device India Limited TO-220AC Datasheet HTML 4Page - Continental Device India Limited TO-220AC Datasheet HTML 5Page - Continental Device India Limited TO-220AC Datasheet HTML 6Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Pin 1: Cathode
Pin 3: Anode
DIM
Min
Max
DIM
Min
Max
A
13.40
14.20
J
0.35
0.58
B
9.91
10.41
K
13.48
14.22
C
4.40
4.70
L
3.55
4.05
D
0.680
0.940
M
2.54
2.79
E
1.14
1.39
N
28.40
29.16
F
3.74
3.91
P
8.38
8.89
G
4.95
5.2
R
10.54
H
3.43
3.68
S
2.82
2.87
TO220AC_Pkg_Drawing Rev271005
TO-220AC Leaded Plastic Package
All Dimensions are in mm
Continental Device India Limited
Data Sheet
Page 2 of
6
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company



Html Pages

1 2 3 4 5 6