Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TO-252 Fiches technique(PDF) 3 Page - Continental Device India Limited

No de pièce TO-252
Description  TO-252 (DPAK) SMD Plastic Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CDIL [Continental Device India Limited]
Site Internet  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

TO-252 Fiches technique(HTML) 3 Page - Continental Device India Limited

  TO-252 Datasheet HTML 1Page - Continental Device India Limited TO-252 Datasheet HTML 2Page - Continental Device India Limited TO-252 Datasheet HTML 3Page - Continental Device India Limited TO-252 Datasheet HTML 4Page - Continental Device India Limited TO-252 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TO-252 (DPAK) Package and Packaging
Packaging Information
Package/
Packaging Type
Std. Packing
Case Type
Qty
Qty
Size L x W x H
Gross Weight
Qty
Size L x W x H Gross Weight
(cm)
(Kg)
(cm)
(Kg)
Tube
1600
(80pcs/tube)
T&R
2,500
Tube: Tube and Ammo Pack
T & R: Tape and Reel
TO252_Pkg_Drawing Rev031105
TO-252 (DPAK) Packaging Tube
Inner Carton
Outer Carton
All Dimensions are in mm
TO-252 (DPAK)
TO-252 (DPAK) Packaging Tape
Continental Device India Limited
Data Sheet
Page 3 of 5



Html Pages

1 2 3 4 5