| Moteur de recherche de fiches techniques de composants électroniques |
|
FT230XQ-R Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
FT230XQ-R Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers |
|
4 / 44 page ![]() Copyright © 2013 Future Technology Devices International Limited 4 FT230X USB TO BASIC UART IC Version 1.2 Document No.: FT_000566 Clearance No.: FTDI# 260 2 FT230X Block Diagram 3.3 Volt LDO Regulator 1.8 Volt LDO Regulator USB Transceiver with Integrated 1.5k pullups and battery charge detection USB DPLL Internal 12MHz Oscillator X4 Clock Multiplier Serial Interface Engine (SIE) USB Protocol Engine UART FIFO Controller UART Controller with Programmable Signal Inversion Baud Rate Generator Reset Generator FIFO TX Buffer (512 bytes) FIFO RX Buffer (512 bytes) Internal MTP Memory 48MHz GND RESET# To USB Transceiver Cell 3V3OUT 48MHz 3V3OUT VCC USBDP USBDM 1V8 Internal Core Supply TXD RXD RTS# CTS# CBUS0 CBUS1 CBUS2 CBUS3 Figure 2.1 FT230X Block Diagram For a description of each function please refer to Section 4. |