| Moteur de recherche de fiches techniques de composants électroniques |
|
EC75X Fiches technique(PDF) 1 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
EC75X Fiches technique(HTML) 1 Page - EPCOS |
|
1 / 4 page ![]() Surge arrester 2-electrode arrester Series/Type: EC75X Ordering code: B88069X0180xxxx a) Version/Date: Issue 04 / 2007-04-19 Version: 6 Content of header bars 1 and 2 of data sheet will be automatically entered in headers and footers! Please fill in the table and then change the color to "white" (or invisible). This ensures that the table disappears for the customer PDF. To update the data sheet, click on the symbol "Preview" and then "Close". Please do not alter the header or footer when copying the content. Identification/Classification 1: (header 1 + top left header bar) Surge arrester Identification/Classification 2: (header 2 + bottom left header bar) 2-electrode arrester Ordering code: (top right header bar) B88069X0180xxxx a) Series/Type: (top right header bar) EC75X Preliminary data (optional): (if necessary) Department: KB AB E / KB AB PM Date: Issue 04 / 2007-04-19 © EPCOS AG 2007. Reproduction, publication and dissemination of this document, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited. |
Numéro de pièce similaire - EC75X |
|
Description similaire - EC75X |