Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UTFD19B Fiches technique(PDF) 27 Page - List of Unclassifed Manufacturers

No de pièce UTFD19B
Description  The plastic circular connector with metal locking
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

UTFD19B Fiches technique(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button UTFD19B Datasheet HTML 23Page - List of Unclassifed Manufacturers UTFD19B Datasheet HTML 24Page - List of Unclassifed Manufacturers UTFD19B Datasheet HTML 25Page - List of Unclassifed Manufacturers UTFD19B Datasheet HTML 26Page - List of Unclassifed Manufacturers UTFD19B Datasheet HTML 27Page - List of Unclassifed Manufacturers UTFD19B Datasheet HTML 28Page - List of Unclassifed Manufacturers UTFD19B Datasheet HTML 29Page - List of Unclassifed Manufacturers UTFD19B Datasheet HTML 30Page - List of Unclassifed Manufacturers UTFD19B Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
27
UTG Series
Coax cable with monocrimp contact cabling
RCDX60
Female coax contact
RMDX60
Male coax contact
See cable strip lengths
Cable strip length
A
B
C
• Select appropriate cable and contact combination.
• Select appropriate crimp tooling (hand tool, S-die set, stop bushing).
• Strip coax cable to the designated wire strip lengths.
• Insert the stripped coax into the rear of the contact.
• Crimp the contact.
Cable
reference
Male
contact
Female
contact
Crimp
tool
Die
set
Stop
bushing
Cable strip length
Inner conductor
crimp
Braid crimp
A
B
C
g dim
t dim
g dim
t dim
CDC PIN22939200
RMDX6046D28
RCDX6016D28
M10S1J
S80
SL105
4.19
5.97
8.51
1.30/1.17
1.40/1.22
2.77/2.64
3.02/2.84
CDC PIN22939200
RMDX6046D28
RCDX6016D28
S87
SL105
5.08
6.35
8.89
1.30/1.17
1.40/1.22
2.77/2.64
3.02/2.84
CDC PIN245670000
RMDX6050D28
RCDX6016D28
S80
SL105
5.08
6.35
8.89
1.30/1.17
1.40/1.22
2.97/2.84
3.12/2.95
KX21TVT (europe)
RG178 B/U
RMDX6034D28
RCDX6034D28
S82
SL105
5.08
6.35
8.89
1.30/1.17
1.32/1.17
2.84/2.74
3.07/2.9
RG178 / BU
RMDX6050D28
RCDX6016D28
S87
SL105
5.08
6.35
8.89
1.30/1.17
1.40/1.22
2.77/2.64
3.02/2.84
ampex
RMDX6032D28
RCDX6032D28
S80
SL105
5.08
6.35
11.68
1.30/1.17
1.40/1.22
2.97/2.84
3.12/2.95
TI PN 920580
RMDX6024D28
RCDX6024D28
S82
SL105
5.08
6.35
8.89
1.35/1.19
1.42/1.27
2.87/2.74
3.07/2.9
RG174/U
RMDX6032D28
RCDX6032D28
S80
SL105
5.08
6.35
11.68
1.30/1.17
1.40/1.22
2.97/2.84
3.12/2.95
Honeywell PN 58000062
RMDX6026D28
RCDX6026D28
S82
SL105
5.08
6.35
8.89
1.35/1.19
1.42/1.27
2.87/2.74
3.07/2.9
RG188A/U
RMDX6036D28
RCDX6036D28
S80
SL105
5.08
6.35
11.68
1.30/1.17
1.40/1.22
2.97/2.84
3.12/2.95
RG316/U
RMDX6036D28
RCDX6036D28
S80
SL105
5.08
6.35
11.68
1.30/1.17
1.40/1.22
2.97/2.84
3.12/2.95
PRD PN
247AS-C1123-001
RMDX6018D28
RCDX6018D28
M10SG8 ASSY'Y
TOOL DIE SET
STOP BUSHING
M10S1J TOOL
5.08
6.35
8.89
1.22/1.17
1.35/1.22
2.92/2.79
3.12/2.97
PRD PN 247AS-C1251
RMDX6018D28
RCDX6018D28
5.08
6.35
8.89
1.22/1.17
1.35/1.22
2.92/2.79
3.12/2.97
raychem 5024A3111
RMDX6052D28
RCDX6052D28
S88
SL105
5.08
6.35
11.68
1.37/1.27
1.45/1.32
2.92/2.79
raychem 5026e1614
RMDX6036D28
RCDX6036D28
M10SG8 ASSY'Y
TOOL DIE SET
STOP BUSHING
M10S1J TOOL
5.08
6.35
8.89
1.22/1.17
1.35/1.22
2.92/2.79
3.12/2.97
JUDD C15013010902
RMDX6036D28
RCDX6036D28
5.08
6.35
8.89
1.22/1.17
1.35/1.22
2.92/2.79
3.12/2.97
inner cond. #30,
braid diam 2.64
RMDX6050D28
-
S80
SL105
5.1
6.35
8.9
-
-
-
-
inner cond. #30,
braid diam 2.29
RMDX6050D28
-
S87
SL105
4.2
6.35
8.5
-
-
-
-
inner cond. #28,
braid diam 2.9
RMDX6032D28
RCDX6032D28
S80
SL105
5.1
6.35
11.7
-
-
-
-
inner cond. #26,
braid diam 1.78
RMDX6024D28
RCDX6024D28
S82
SL105
5.1
6.35
8.9
-
-
-
-
inner cond. #26,
braid diam 3.05
RMDX6026D28
RCDX6026D28
S82
SL105
5.1
6.35
8.9
-
-
-
-
Note : all dimensions are in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33