Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UTFD17B Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce UTFD17B
Description  The plastic circular connector with metal locking
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

UTFD17B Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  UTFD17B Datasheet HTML 1Page - List of Unclassifed Manufacturers UTFD17B Datasheet HTML 2Page - List of Unclassifed Manufacturers UTFD17B Datasheet HTML 3Page - List of Unclassifed Manufacturers UTFD17B Datasheet HTML 4Page - List of Unclassifed Manufacturers UTFD17B Datasheet HTML 5Page - List of Unclassifed Manufacturers UTFD17B Datasheet HTML 6Page - List of Unclassifed Manufacturers UTFD17B Datasheet HTML 7Page - List of Unclassifed Manufacturers UTFD17B Datasheet HTML 8Page - List of Unclassifed Manufacturers UTFD17B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
3
UTG Series
Shell size
Contact # 16 (Ø 1,6)
Mixed power / signal versions
20
20-28
28 x #16 (Ø 1,6)
20-20
20 x #16 (Ø 1,6)
Group C 660V
22
22-35
35 x #16 (Ø 1,6)
24
24-48
48 x #16 (Ø 1,6)
24-7
7 x #8 (Ø 3,6)
2 x #16 (Ø 1,6)
24-11
4 x #8 (Ø 3,6)
7 x #16 (Ø 1,6)
Contact identification positions shown are for mating face of pin contact connectors
and wire face of socket contact connectors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33