Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSA720 Fiches technique(PDF) 3 Page - Continental Device India Limited

No de pièce CSA720
Description  PNP SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CDIL [Continental Device India Limited]
Site Internet  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSA720 Fiches technique(HTML) 3 Page - Continental Device India Limited

  CSA720 Datasheet HTML 1Page - Continental Device India Limited CSA720 Datasheet HTML 2Page - Continental Device India Limited CSA720 Datasheet HTML 3Page - Continental Device India Limited CSA720 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
All Dimensions are in mm
TO-92 Tape and Ammo Packaging
Tape Specifications
All Dimensions are in mm
Continental Device India Limited
Data Sheet
Page 3 of 4
CSA719_720 Rev_2 201008E
TO-92
Plastic Package
CSA719
CSA720
TO-92
Plastic Package
CSA719
CSA720



Html Pages

1 2 3 4