| Moteur de recherche de fiches techniques de composants électroniques |
|
EM78P458AP Fiches technique(PDF) 43 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78P458AP Fiches technique(HTML) 43 Page - ELAN Microelectronics Corp |
|
43 / 76 page ![]() EM78P458/459 OTP ROM 4.11 The Initialized Values after Reset Table 11 The Summary of the Initialized Values for Registers Address Name Reset Type Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Bit Name C57 C56 C55 C54 C53 C52 C51 C50 Power-on 1 1 1 1 1 1 1 1 /RESET and WDT 1 1 1 1 1 1 1 1 N/A IOC50 Wake-up from Pin Changed P P P P P P P P Bit Name C67 C66 C65 C64 C63 C62 C61 C60 Power-on 1 1 1 1 1 1 1 1 /RESET and WDT 1 1 1 1 1 1 1 1 N/A IOC60 Wake-up from Pin Changed P P P P P P P P Bit Name /PD7 /PD6 */PD5 */PD4 /PD3 /PD2 /PD1 /PD0 Power-on 1 1 1 1 1 1 1 1 /RESET and WDT 1 1 1 1 1 1 1 1 N/A IOCB0 Wake-up from Pin Changed P P P P P P P P Bit Name OD7 OD6 OD5 OD4 OD3 OD2 OD1 OD0 Power-on 1 1 1 1 1 1 1 1 /RESET and WDT 1 1 1 1 1 1 1 1 N/A IOCC0 Wake-up from Pin Changed P P P P P P P P Bit Name /PH7 /PH6 /PH5 /PH4 /PH3 /PH2 /PH1 /PH0 Power-on 1 1 1 1 1 1 1 1 /RESET and WDT 1 1 1 1 1 1 1 1 N/A IOCD0 Wake-up from Pin Changed P P P P P P P P Bit Name WDTE EIS X X X X X X Power-on 1 0 1 1 1 1 1 1 /RESET and WDT 1 0 1 1 1 1 1 1 N/A IOCE0 Wake-up from Pin Changed P P 1 1 1 1 1 1 Bit Name X CMPIE PMW2IE PWM1IE ADIE EXIE ICIE TCIE Power-on 0 0 0 0 0 0 0 0 /RESET and WDT 0 0 0 0 0 0 0 0 N/A IOCF0 Wake-up from Pin Changed 0 P P P P P P P Bit Name OP2E OP1E G22 G21 G20 G12 G11 G10 Power-on 0 0 0 0 0 0 0 0 /RESET and WDT 0 0 0 0 0 0 0 0 N/A IOC90 (GCON) Wake-up from Pin Changed P P P P P P P P Bit Name VREFS CE COE IMS2 IMS1 IMS0 CKR1 CKR0 Power-on 0 0 0 0 0 0 0 0 /RESET and WDT 0 0 0 0 0 0 0 0 N/A IOCA0 (AD-CMP CON) Wake-up from Pin Changed P P P P P P P P Bit Name PWM2E PWM2E T2EN T1EN T2P1 T2P0 T1P1 T1P0 Power-on 0 0 0 0 0 0 0 0 /RESET and WDT 0 0 0 0 0 0 0 0 N/A IOC51 (PWMCON) Wake-up from Pin Changed P P P P P P P P Bit Name Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 Power-on 0 0 0 0 0 0 0 0 N/A /RESET and WDT 0 0 0 0 0 0 0 0 IOC61 (DT1L) Wake-up from Pin Changed P P P P P P P P Bit Name CALI1 SIGN1 VOF1[2] VOF1[1] VOF1[0] X Bit1 Bit0 Power-on 0 1 1 0 0 0 0 0 /RESET and WDT 0 1 1 0 0 0 0 0 N/A IOC71 (DT1H) Wake-up from Pin Changed P P P P P 0 P P Bit Name - - - - - - - - Power-on 0 0 0 0 0 0 0 0 /RESET and WDT 0 0 0 0 0 0 0 0 N/A IOC81 (PRD1) Wake-up from Pin Changed P P P P P P P P Bit Name Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 Power-on 0 0 0 0 0 0 0 0 /RESET and WDT 0 0 0 0 0 0 0 0 N/A IOC91 (DT2L) Wake-up from Pin Changed P P P P P P P P N/A IOCA1 Bit Name CALI2 SIGN2 VOF2[2] VOF2[1] VOF2[0] X Bit1 Bit0 This specification is subject to change without prior notice. 06.25.2004 (V1.4) 43 |