Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM7805 Fiches technique(PDF) 2 Page - Continental Device India Limited

No de pièce LM7805
Description  3-TERMINAL POSITIVE VOLTAGE REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CDIL [Continental Device India Limited]
Site Internet  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

LM7805 Fiches technique(HTML) 2 Page - Continental Device India Limited

  LM7805 Datasheet HTML 1Page - Continental Device India Limited LM7805 Datasheet HTML 2Page - Continental Device India Limited LM7805 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LM7805Rev_1 180805E
Continental Device India Limited
Data Sheet
Page 2 of 3
TO-220
Leaded Plastic
Package
D
M
J
B
F
E
C
G
3
2
1
2
Pin Configurations
Regulators
Pin 1: In
Pin 2: Ground
Pin 3: Out
DIM
Min
Max
A
4.42
6.5
B
9.63
0.67
C
3.56
4.83
D
—
0.90
E
.5
.50
F
3.53
4.0
G
2.29
2.79
DIM
Min
Max
H
2.54
3.43
J
0.36
0.6
K
2.00
4.73
L
2.80
6.35
M
2.00
2.92
N
—
3.24
O
7º
Packaging dimensions, tube dimensions and quantity/tube are approximate and subject to change.
TO-220 Series Packaging Tube
Qty: 50 Pcs/Tube
536.0
±1.5
6.87
LM7805
TO-220
Plastic Package



Html Pages

1 2 3