| Moteur de recherche de fiches techniques de composants électroniques |
|
EM83049 Fiches technique(PDF) 4 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM83049 Fiches technique(HTML) 4 Page - ELAN Microelectronics Corp |
|
4 / 17 page ![]() * This specification are subject to be changed without notice. EM83049 KEYBOARD ENCODER 4 5.2.1997 - Responds ACK. - Updates status indicators. - Returns to previous scanning state. Echo ( Hex EEH ) - Responds with EE hex. - Returns to previous scanning state. Invalid commands ( Hex EF and F1 ) - Returns a RESEND command. - Returns to previous scanning state. Select Alternate Scan Codes ( Hex F0 ) - Responds ACK. - Clears output buffer. - Sets the default typematic rate/delay. - Clears last typematic key. - Receives option byte. - Responds ACK. - Option byte = 01 : selects scan code set 1 02 : selects scan code set 2 03 : selects scan code set 3 - Returns to previous scanning rate. Read ID (F2) - Responds with ACK. - Discontinues scanning. - Sends two ID bytes. The second byte will be sent within 500 uS after first byte. - Resumes scanning. Set Typematic Rate/Delay ( Hex F3 ) - Responds ACK. - Receives rate/delay value byte - Responds ACK. - Set rate/delay (* Note 1) - Returns to previous scanning state. * Note 1 1. Repeat period = ( 8+A ) x ( 2B) x 0.00417 seconds A : binary value of bits 2, 1, and 0. B : binary value of bits 4 and 3. 2. Delay = ( C +1 ) x 250 milliseconds C : binary value of bits 6 and 5. Bit 7 is always 0. |