| Moteur de recherche de fiches techniques de composants électroniques |
|
EM78P156ELP Fiches technique(PDF) 21 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78P156ELP Fiches technique(HTML) 21 Page - ELAN Microelectronics Corp |
|
21 / 55 page ![]() EM78P156EL OTP ROM controller branches to the interrupt vector following wake-up. If ENI is executed before SLEP, the instruction will begin to execute from the address 008H after wake-up. If DISI is executed before SLEP, the operation will restart from the succeeding instruction right next to SLEP after wake-up. Only one of Cases 2 and 3 can be enabled before entering the sleep mode. That is, [a] if Port 6 Input Status Change Interrupt is enabled before SLEP , WDT must be disabled. by software. However, the WDT bit in the option register remains enabled. Hence, the EM78P156EL can be awakened only by Case 1 or 3. [b] if WDT is enabled before SLEP, Port 6 Input Status Change Interrupt must be disabled. Hence, the EM78P156EL can be awakened only by Case 1 or 2. Refer to the section on Interrupt. If Port 6 Input Status Change Interrupt is used to wake-up the EM78P156EL (Case [a] above), the following instructions must be executed before SLEP: MOV A, @xx000110b ; Select internal TCC clock CONTW CLR R1 ; Clear TCC and prescaler MOV A, @xxxx1110b ; Select WDT prescaler CONTW WDTC ; Clear WDT and prescaler MOV A, @0xxxxxxxb ; Disable WDT IOW RE MOV R6, R6 ; Read Port 6 MOV A, @00000x1xb ; Enable Port 6 input change interrupt IOW RF ENI (or DISI) ; Enable (or disable) global interrupt SLEP ; Sleep NOP One problem user should be aware of, is that after waking up from the sleep mode, WDT would enable automatically. The WDT operation (being enabled or disabled) should be handled appropriately by software after waking up from the sleep mode. This specification is subject to change without prior notice. 07.29.2004 (V1.3) 21 |