Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADDR21 Fiches technique(PDF) 64 Page - List of Unclassifed Manufacturers

No de pièce ADDR21
Description  Figure 1 shows the NS7520 modules. Dashed lines indicate shared pins
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

ADDR21 Fiches technique(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button ADDR21 Datasheet HTML 60Page - List of Unclassifed Manufacturers ADDR21 Datasheet HTML 61Page - List of Unclassifed Manufacturers ADDR21 Datasheet HTML 62Page - List of Unclassifed Manufacturers ADDR21 Datasheet HTML 63Page - List of Unclassifed Manufacturers ADDR21 Datasheet HTML 64Page - List of Unclassifed Manufacturers ADDR21 Datasheet HTML 65Page - List of Unclassifed Manufacturers ADDR21 Datasheet HTML 66Page - List of Unclassifed Manufacturers ADDR21 Datasheet HTML 67Page - List of Unclassifed Manufacturers ADDR21 Datasheet HTML 68Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 64 / 68 page
background image
Ex te r n a l DM A t i mi ng
60
NS 93 60 Da ta shee t
03 /2 00 6
Memory-to-memory external DMA
Notes:
1
A null period sometimes occurs between memory cycles.
2
The memory signals are data[31:0], addr[27:0], BE[3:0], CS/RAS[4:0], CAS[3:0], RW, OE*. WE*,
and PORTA2/AMUX. The timing of these signals depends on how the memory is configured
(Sync SRAM, Async SRAM, FP DRAM, or SDRAM).
T1
TW
T2
Note-1
T1
TW
T2
75
75
75
75
72
72
72
72
71
70
71
70
BCLK
Mem signals (Note-2)
R/W
DREQ*
DACK*
DONE* (output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68