Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADDR22 Fiches technique(PDF) 8 Page - List of Unclassifed Manufacturers

No de pièce ADDR22
Description  Figure 1 shows the NS7520 modules. Dashed lines indicate shared pins
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

ADDR22 Fiches technique(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ADDR22 Datasheet HTML 4Page - List of Unclassifed Manufacturers ADDR22 Datasheet HTML 5Page - List of Unclassifed Manufacturers ADDR22 Datasheet HTML 6Page - List of Unclassifed Manufacturers ADDR22 Datasheet HTML 7Page - List of Unclassifed Manufacturers ADDR22 Datasheet HTML 8Page - List of Unclassifed Manufacturers ADDR22 Datasheet HTML 9Page - List of Unclassifed Manufacturers ADDR22 Datasheet HTML 10Page - List of Unclassifed Manufacturers ADDR22 Datasheet HTML 11Page - List of Unclassifed Manufacturers ADDR22 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
P acka ging a nd pinout
4
NS 75 20 Da ta shee t
03 /2 00 6
Packaging and pinout
Table 1 provides the NS7520 packaging dimensions. Figure 2 shows the NS7520 pinout and
dimensions.
Symbol
Min
Nom
Max
A
——1.4
A1
0.35
0.40
0.45
A2
——0.95
b
0.45
0.50
0.55
D
13.0 BSC
D1
11.2 BSC
E
13.0 BSC
E1
11.2 BSC
e
0.8 BSC
aaa
0.1
Table 1: NS7520 packaging dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68