| Moteur de recherche de fiches techniques de composants électroniques |
|
ACST2 Fiches technique(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ACST2 Fiches technique(HTML) 8 Page - STMicroelectronics |
|
8 / 13 page ![]() Package information ACST2 8/13 DocID13304 Rev 4 3 Package information Epoxy meets UL94, V0 Recommended torque (TO-220FPAB): 0.4 to 0.6 N·m In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Figure 19. TO-220FPAB dimension definitions H A B Dia L7 L6 L5 F1 F2 F D E L4 G1 G L2 L3 |