Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT-170TW Fiches technique(PDF) 21 Page - List of Unclassifed Manufacturers

No de pièce HT-170TW
Description  Harvatek Surface Mount LED Data Sheet
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

HT-170TW Fiches technique(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button HT-170TW Datasheet HTML 15Page - List of Unclassifed Manufacturers HT-170TW Datasheet HTML 16Page - List of Unclassifed Manufacturers HT-170TW Datasheet HTML 17Page - List of Unclassifed Manufacturers HT-170TW Datasheet HTML 18Page - List of Unclassifed Manufacturers HT-170TW Datasheet HTML 19Page - List of Unclassifed Manufacturers HT-170TW Datasheet HTML 20Page - List of Unclassifed Manufacturers HT-170TW Datasheet HTML 21Page - List of Unclassifed Manufacturers HT-170TW Datasheet HTML 22Page - List of Unclassifed Manufacturers HT-170TW Datasheet HTML 23Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Top-emitting 0805 (2013)
HT-170 Series
Official Product
Product: HT-170 Series
Data Sheet No.
Tentative Product
****************
HT-170 Series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
MAR. 27, 2012
Version of 1.2
Page
21/23
Dry Pack
All SMD optical devices are MOISTURE SENSITIVE. Avoid exposure to moisture at all times
during transportation or storage. Every reel is packaged in a moisture protected anti-static bag.
Each bag is properly sealed prior to shipment.
Upon request, a humidity indicator will be included in the moisture protected anti-static bag
prior to shipment.
The packaging sequence is as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23